Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF4093 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce HCF4093
Description  Quad 2-input NAND Schmitt trigger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4093 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button HCF4093_V01 Datasheet HTML 5Page - STMicroelectronics HCF4093_V01 Datasheet HTML 6Page - STMicroelectronics HCF4093_V01 Datasheet HTML 7Page - STMicroelectronics HCF4093_V01 Datasheet HTML 8Page - STMicroelectronics HCF4093_V01 Datasheet HTML 9Page - STMicroelectronics HCF4093_V01 Datasheet HTML 10Page - STMicroelectronics HCF4093_V01 Datasheet HTML 11Page - STMicroelectronics HCF4093_V01 Datasheet HTML 12Page - STMicroelectronics HCF4093_V01 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package information
HCF4093
10/13
DocID2068 Rev 4
4.1
SO14 package information
Figure 5. SO14 package mechanical drawing
Table 8. SO14 package mechanical data
Ref
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C0.5
0.019
c1
45
°
45
°
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S8
°
8
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13