Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54CWFILMY Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce BAT54CWFILMY
Description  Automotive small signal Schottky diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54CWFILMY Fiches technique(HTML) 3 Page - STMicroelectronics

  BAT54CWFILMY Datasheet HTML 1Page - STMicroelectronics BAT54CWFILMY Datasheet HTML 2Page - STMicroelectronics BAT54CWFILMY Datasheet HTML 3Page - STMicroelectronics BAT54CWFILMY Datasheet HTML 4Page - STMicroelectronics BAT54CWFILMY Datasheet HTML 5Page - STMicroelectronics BAT54CWFILMY Datasheet HTML 6Page - STMicroelectronics BAT54CWFILMY Datasheet HTML 7Page - STMicroelectronics BAT54CWFILMY Datasheet HTML 8Page - STMicroelectronics BAT54CWFILMY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BAT54-Y
Characteristics
DocID17696 Rev 3
3/11
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current
Figure 2: Average forward current versus ambient
temperature (δ = 1)
Figure 3: Reverse leakage current versus reverse
applied voltage (typical values)
Figure 4: Reverse leakage current versus junction
temperature
Figure 5: Junction capacitance versus reverse
applied voltage (typical values)
Figure 6: Forward voltage drop versus forward
current (typical values)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
IF(AV)(A)
P(W)
δ = 0.05
δ = 0.2
δ = 0.1
δ = 0.5
δ = 1
T
δ= tp/T
tp
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
25
50
75
100
125
150
Tamb(°C)
IF(AV)(A)
T
δ=tp/T
tp
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
VR(V)
IR(µA)
T
j = 100 °C
T
j = 25 °C
T
j = 50 °C
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
25
50
75
100
125
150
Tj(°C)
IR[Tj] / IR[Tj=25°C]
V
R = 3V
1
10
1
10
100
VR(V)
C(pF)
F = 1 MHz
V
OSC = 30 mVRMS
T
j = 25 °C
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
VFM(V)
IFM(A)
T
j = 50 °C
T
j = 25 °C
T
j = -40 °C
T
j = 100 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11