| Moteur de recherche de fiches techniques de composants électroniques |
|
STPS160AFN Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS160AFN Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 13 page ![]() 1 Characteristics Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise specified) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 60 V IF(AV) Average forward current, δ = 0.5, square wave SMA TL = 130 °C 1 A SMA Flat Notch, SMB TL = 135 °C IFSM Surge non repetitive forward current SMA, SMB tp = 10 ms sinusoidal 75 A SMA Flat Notch 100 PARM Repetitive peak avalanche power tp = 10 µs, Tj = 125 °C 180 W Tstg Storage temperature range -65 to +150 °C Tj Maximum operating junction temperature(1) +150 °C 1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink. Table 2. Thermal resistance parameter Symbol Parameter Max. value Unit Rth(j-l) Junction to lead SMA 30 °C/W SMA Flat Notch 20 SMB 23 For more information, please refer to the following application note : • AN5088 : Rectifiers thermal management, handling and mounting recommendations Table 3. Static electrical characteristics Symbol Parameter Test conditions Min. Typ. Max. Unit IR(1) Reverse leakage current Tj = 25 °C VR = VRRM - 4 µA Tj = 125 °C - 1.1 4 mA VF(2) Forward voltage drop Tj = 25 °C IF = 1 A - 0.67 V Tj = 125 °C - 0.49 0.57 Tj = 25 °C IF = 2 A - 0.8 Tj = 125 °C - 0.58 0.65 1. Pulse test: tp = 5 ms, δ < 2% 2. Pulse test: tp = 380 µs, δ < 2% To evaluate the conduction losses, use the following equation: P = 0.49 x IF(AV) + 0.08 x IF2(RMS) For more information, please refer to the following application notes related to the power losses : • AN604: Calculation of conduction losses in a power rectifier • AN4021: Calculation of reverse losses on a power diode STPS160 Characteristics DS0962 - Rev 10 page 2/13 |