| Moteur de recherche de fiches techniques de composants électroniques |
|
REF5010ID.A Fiches technique(PDF) 36 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5010ID.A Fiches technique(HTML) 36 Page - Texas Instruments |
|
36 / 52 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 28-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) REF5030AIDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI | Nipdau Level-2-260C-1 YEAR -40 to 125 R50C REF5030AIDGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 R50C REF5030AIDGKRG4 Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 R50C REF5030AIDGKRG4.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 R50C REF5030AIDGKT Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50C REF5030AIDGKT.A Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50C REF5030AIDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5030 A REF5030AIDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5030 A REF5030AIDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5030 A REF5030AIDRG4.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5030 A REF5030ID Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5030 REF5030ID.A Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5030 REF5030IDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50C REF5030IDGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50C REF5030IDGKT Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50C REF5030IDGKT.A Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50C REF5030IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5030 REF5030IDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5030 REF5040AID Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5040 A Addendum-Page 4 |