Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNX4AHCT240 Fiches technique(PDF) 41 Page - Texas Instruments

No de pièce SNX4AHCT240
Description  SNx4AHCT240 Octal Inverting Buffers/Drivers With Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

SNX4AHCT240 Fiches technique(HTML) 41 Page - Texas Instruments

Back Button SNX4AHCT240 Datasheet HTML 35Page - Texas Instruments SNX4AHCT240 Datasheet HTML 36Page - Texas Instruments SNX4AHCT240 Datasheet HTML 37Page - Texas Instruments SNX4AHCT240 Datasheet HTML 38Page - Texas Instruments SNX4AHCT240 Datasheet HTML 39Page - Texas Instruments SNX4AHCT240 Datasheet HTML 40Page - Texas Instruments SNX4AHCT240 Datasheet HTML 41Page - Texas Instruments SNX4AHCT240 Datasheet HTML 42Page - Texas Instruments SNX4AHCT240 Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
20X (1.45)
20X (0.3)
18X (0.5)
(4.4)
(R0.05) TYP
VSSOP - 1.1 mm max height
DGS0020A
SMALL OUTLINE PACKAGE
4226367/A 10/2020
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
8. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
numbers SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
9. Size of metal pad may vary due to creepage requirement.
10. Vias are optional depending on application, refer to device data sheet. It is recommended that vias under paste be filled, plugged
or tented.
LAND PATTERN EXAMPLE
SCALE: 16X
SYMM
SYMM
1
10
11
20
15.000
METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED METAL
EXPOSED METAL
SOLDER MASK DETAILS
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com