| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ACT74D Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT74D Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 41 page ![]() 6 Detailed Description 6.1 Overview A low level at the preset (PRE) or clear (CLR) input sets or resets the outputs, regardless of the levels of the other inputs. When PRE and CLR are inactive (high), data at the data (D) input meeting the setup-time requirements is transferred to the outputs on the positive-going edge of the clock pulse. Clock triggering occurs at a voltage level and is not directly related to the rise time of the clock pulse. Following the hold-time interval, changing data at D does not affecting the levels at the outputs. 6.2 Functional Block Diagram Figure 6-1. Logic Diagram (Positive Logic) 6.3 Device Functional Modes Table 6-1. Function Table (each flip-flop) INPUTS OUTPUTS PRE CLR CLK D Q Q L H X X H L H L X X L H L L X X H1 H1 H H ↑ H H L H H ↑ L L H H H L X Q0 Q 0 1. This configuration is nonstable; that is, it does not persist when either PRE or CLR returns to its inactive (high) level. SN54ACT74, SN74ACT74 SCAS520J – AUGUST 1995 – REVISED APRIL 2025 www.ti.com 8 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: SN54ACT74 SN74ACT74 |