Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SE-ICUSB232 Fiches technique(PDF) 2 Page - Littelfuse

No de pièce SE-ICUSB232
Description  terminations and adapt ers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SE-ICUSB232 Fiches technique(HTML) 2 Page - Littelfuse

  SE-ICUSB232 Datasheet HTML 1Page - Littelfuse SE-ICUSB232 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© May 2012 Littelfuse Protection Relays & Controls
www.littelfuse.com/relayscontrols
Accessories
TerminaTions anD aDaPTers
Product
Features
accessory For
A0033
Detector Cable
Extension cable for the A0200 and A0300 sensors.
D0900
AC700-CUA
Communications Adapter
Optical network-interface and firmware-upgrade communication
adapter. Field-installed.
EL731
D0400
Junction Box (No Indication)
Junction box without indication, for parallel connection of more than
2 sensors for one relay. Designed to connect up to 8 sensors.
D0900
D0500
Junction Box (Indication)
Junction box with indication, for parallel connection of more than
2 sensors for one relay. Designed to connect up to 8 sensors.
D0900
E5540
USB Cable
USB Cable with A/Mini-B plug (2 m).
E5000
G0100
Programming Kit
Connects to RS232 port. Includes blank front-plate labels and
permanent pen for texting scales.
G2000 G3000 G3300
K 3452 &K3450
RS232 Cable
For configuration from PC.
M2000
K1025
USB A-B Cable
USB A to B cable.
M2500
T4910
Potentiometer with Cable
For external power factor setting. External contact between
terminals 12 (COM) and 28 (PF ON). Included.
T4900
TerminaTions anD aDaPTers
Terminations, adapters



Html Pages

1 2