Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REF3325 Fiches technique(PDF) 26 Page - Texas Instruments

No de pièce REF3325
Description  REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

REF3325 Fiches technique(HTML) 26 Page - Texas Instruments

Back Button REF3325 Datasheet HTML 22Page - Texas Instruments REF3325 Datasheet HTML 23Page - Texas Instruments REF3325 Datasheet HTML 24Page - Texas Instruments REF3325 Datasheet HTML 25Page - Texas Instruments REF3325 Datasheet HTML 26Page - Texas Instruments REF3325 Datasheet HTML 27Page - Texas Instruments REF3325 Datasheet HTML 28Page - Texas Instruments REF3325 Datasheet HTML 29Page - Texas Instruments REF3325 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Jun-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REF3312AIDBZR
SOT-23
DBZ
3
3000
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3312AIDBZT
SOT-23
DBZ
3
250
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3312AIDBZT1G4
SOT-23
DBZ
3
250
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3312AIDCKR
SC70
DCK
3
3000
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3312AIDCKR1G4
SC70
DCK
3
3000
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3312AIDCKT
SC70
DCK
3
250
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3312AIRSER
UQFN
RSE
8
5000
180.0
9.5
1.7
1.7
0.75
4.0
8.0
Q2
REF3312AIRSERG4
UQFN
RSE
8
5000
180.0
9.5
1.7
1.7
0.75
4.0
8.0
Q2
REF3312AIRSET
UQFN
RSE
8
250
180.0
9.5
1.7
1.7
0.75
4.0
8.0
Q2
REF3318AIDBZR
SOT-23
DBZ
3
3000
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3318AIDBZT
SOT-23
DBZ
3
250
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3318AIDBZTG4
SOT-23
DBZ
3
250
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3318AIDCKR
SC70
DCK
3
3000
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3318AIDCKRG4
SC70
DCK
3
3000
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3318AIDCKT
SC70
DCK
3
250
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3320AIDBZR
SOT-23
DBZ
3
3000
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39