| Moteur de recherche de fiches techniques de composants électroniques |
|
REF2025 Fiches technique(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF2025 Fiches technique(HTML) 28 Page - Texas Instruments |
|
28 / 37 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Jun-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) REF2025AIDDCR Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 GACM REF2025AIDDCR.B Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 GACM REF2025AIDDCT Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 GACM REF2025AIDDCT.B Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 GACM REF2025AIDDCTG4 Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 GACM REF2025AIDDCTG4.B Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 GACM REF2025AISDDCR Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 1M98 REF2025AISDDCR.B Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 1M98 REF2030AIDDCR Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 GADM REF2030AIDDCR.B Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 GADM REF2030AIDDCRG4 Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 GADM REF2030AIDDCRG4.B Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 GADM REF2030AIDDCT Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 GADM REF2030AIDDCT.B Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 GADM REF2033AIDDCR Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 GAEM REF2033AIDDCR.B Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 GAEM Addendum-Page 1 |