Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

36-01-R3C-ARTC Fiches technique(PDF) 4 Page - Everlight Electronics Co., Ltd

No de pièce 36-01-R3C-ARTC
Description  3mm POWER LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

36-01-R3C-ARTC Fiches technique(HTML) 4 Page - Everlight Electronics Co., Ltd

  36-01-R3C-ARTC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 36-01-R3C-ARTC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 36-01-R3C-ARTC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 36-01-R3C-ARTC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 36-01-R3C-ARTC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 36-01-R3C-ARTC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Technical Data Sheet
3mm POWER LED
36-01/R3C-ARTC
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev.1
Page: 4 of 6
Device number: DLE-306-016
Established date: 05-16-2007
Established by: Jim Lin
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength
Forward Current vs. Forward Voltage
Relative Intensity vs. Forward Current
Forward Current vs. Ambient Temp.
Relative Intensity vs. Angle Displacement
10
30
50
70
0
204060
FORWARD CURRENT (mA)
0.00
0.20
0.40
0.60
0.80
1.00
0
20
40
60
80
100 120 140
0
10
20
30
40
50
60
70
80
AMBIENT TEMPERATURE (C)
580
600
620
640
660
680
WAVELENGTH (nm)
0.00
0.50
1.00
2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2
10
20
30
40
50
60
70
80
Forward Voltage(V)
0.0
0.2
0.4
0.6
0.8
1.0
Viewing angle (degree)
-90
0
-70
0
-50
0
-30
0
-10
0
90
0
80
0
60
0
70
0
40
0
50
0
30
0
20
0
10
0
0
0



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com