Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ETC5067 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce ETC5067
Description  POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5067 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button ETC5067 Datasheet HTML 10Page - STMicroelectronics ETC5067 Datasheet HTML 11Page - STMicroelectronics ETC5067 Datasheet HTML 12Page - STMicroelectronics ETC5067 Datasheet HTML 13Page - STMicroelectronics ETC5067 Datasheet HTML 14Page - STMicroelectronics ETC5067 Datasheet HTML 15Page - STMicroelectronics ETC5067 Datasheet HTML 16Page - STMicroelectronics ETC5067 Datasheet HTML 17Page - STMicroelectronics ETC5067 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
DIP20 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.280
I
3.93
0.155
L
3.3
0.130
Z
1.34
0.053
ETC5064 - ETC5064-X - ETC5067 - ETC5067-X
17/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18