Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS67WVS2M8BLL-R104WLA1 Fiches technique(PDF) 3 Page - Integrated Silicon Solution, Inc

No de pièce IS67WVS2M8BLL-R104WLA1
Description  1.8V/3.0V, 104MHZ, SPI & QPI PROTOCOL
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS67WVS2M8BLL-R104WLA1 Fiches technique(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS67WVS2M8BLL-R104WLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS67WVS2M8BLL-R104WLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS67WVS2M8BLL-R104WLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS67WVS2M8BLL-R104WLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS67WVS2M8BLL-R104WLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS67WVS2M8BLL-R104WLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS67WVS2M8BLL-R104WLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS67WVS2M8BLL-R104WLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS67WVS2M8BLL-R104WLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
IS66/67WVS2M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
3
Rev. A1
11/13/2023
GENERAL DESCRIPTION
The IS66/67WVS2M8ALL/BLL are integrated memory device containing 16Mb Pseudo Static Random Access
Memory using a self-refresh DRAM array organized as 2M words by 8 bits.
The device supports SPI (Serial Peripheral Interface) & QPI (Quad Peripheral Interface) protocols, Very Low Signal
Count (6 signal pins; CLK, CE#, and 4 SIOs), Hidden Refresh Operation, and Industrial temperature and
Automotive A2 grade temperature
.
In-Band Reset is supported instead of dedicated RESET# pin, and minimum transferred data size is 8bit.
PERFORMANCE SUMMARY
Read / Write Operation
Maximum Clock Rate
104MHz
Maximum Clock to Access Time at 104MHz
7ns
Maximum Current Consumption
Burst Read or Write ( SPI mode, 33MHz)
8mA
Burst Read or Write ( QPI mode, 104MHz)
15mA
Standby (ISB1, 85°C )
3V
200 uA
1.8V
200 uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com