Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS67WVS2M8ALL-R104TLI Fiches technique(PDF) 4 Page - Integrated Silicon Solution, Inc

No de pièce IS67WVS2M8ALL-R104TLI
Description  1.8V/3.0V, 104MHZ, SPI & QPI PROTOCOL
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS67WVS2M8ALL-R104TLI Fiches technique(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS67WVS2M8ALL-R104TLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS67WVS2M8ALL-R104TLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS67WVS2M8ALL-R104TLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS67WVS2M8ALL-R104TLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS67WVS2M8ALL-R104TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS67WVS2M8ALL-R104TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS67WVS2M8ALL-R104TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS67WVS2M8ALL-R104TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS67WVS2M8ALL-R104TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
IS66/67WVS2M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
4
Rev. A1
11/13/2023
TABLE OF CONTENTS
FEATURES ............................................................................................................................................................2
GENERAL DESCRIPTION ....................................................................................................................................3
PERFORMANCE SUMMARY................................................................................................................................3
TABLE OF CONTENTS .........................................................................................................................................4
1.
PIN CONFIGURATION & Descriptions ..........................................................................................................5
2.
Block Diagram.................................................................................................................................................7
3.
Power-up Initialization.....................................................................................................................................8
4.
Interface Description .......................................................................................................................................9
4.1
Address Space.......................................................................................................................................9
4.2
Page Length...........................................................................................................................................9
4.3
DriveR Strength .....................................................................................................................................9
4.4
POWER-ON STATUS ...........................................................................................................................9
4.5
Command/Address Latching Truth ........................................................................................................9
4.6
READ/WRITE Termination ..................................................................................................................10
5.
READ/WRITE OPERATIONS.......................................................................................................................11
5.1
SPI READ OPERATIONS ...................................................................................................................11
5.2
SPI WRITE OPERATIONS ..................................................................................................................13
5.3
QPI MODE ...........................................................................................................................................14
5.4
QPI Fast READ Operation ...................................................................................................................15
5.5
QPI WRITE Operation .........................................................................................................................16
5.6
QPI EXIT Operation .............................................................................................................................16
5.7
SPI Read ID Operation ........................................................................................................................17
5.8
RESET Operation ................................................................................................................................18
5.9
Set Burst Length Operation .................................................................................................................19
6.
REGISTER....................................................................................................................................................24
6.1 DEVICE IDENTIFICATION REGISTER .................................................................................................24
7.
ELECTRICAL CHARACTERISTICS.............................................................................................................25
7.1
ABSOLUTE MAXIMUM RATINGS (1) ..................................................................................................25
7.2
OPERATING RANGE ..........................................................................................................................25
7.3
DC CHARACTERISTICS.....................................................................................................................26
7.4
AC Measurement Conditions ...............................................................................................................27
7.5
PIN CAPACITANCE (TA = 25°C, VCC=1.8V/ 3V, 1MHz) ...................................................................27
7.6
AC CHARACTERISTICS .....................................................................................................................28
7.7
INPUT/OUTPUT TIMING.....................................................................................................................29
8.
PACKAGE TYPE INFORMATION................................................................................................................30
8.1
8- Contact Ultra-Thin Small Outline No-Lead (WSON) PACKAGE 6X5MM (K)..................................30
8.2
8-Pin JEDEC 150mil Broad Small Outline Integrated Circuit (SOIC) Package (N) .............................32
9.
ORDERING INFORMATION
– Valid Part Numbers.....................................................................................35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com