Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS66WVS2M8BLL-R104YLA2 Fiches technique(PDF) 35 Page - Integrated Silicon Solution, Inc

No de pièce IS66WVS2M8BLL-R104YLA2
Description  1.8V/3.0V, 104MHZ, SPI & QPI PROTOCOL
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVS2M8BLL-R104YLA2 Fiches technique(HTML) 35 Page - Integrated Silicon Solution, Inc

Back Button IS66WVS2M8BLL-R104YLA2 Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104YLA2 Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104YLA2 Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104YLA2 Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104YLA2 Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104YLA2 Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104YLA2 Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104YLA2 Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS66WVS2M8BLL-R104YLA2 Datasheet HTML 35Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
IS66/67WVS2M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
35
Rev. A1
11/13/2023
Industrial Temperature Range (-40°C to +85°C)
Automotive A1 Temperature Range (-40°C to +85°C)
Automotive A2 Temperature Range (-40°C to +105°C)
Config.
Voltage
Frequency (MHz)
Order Part Number
Package
2Mbx8
1.8V
104
IS66WVS2M8ALL-104KLI
8-contact WSON 6x5mm
IS66WVS2M8ALL-104TLI
8-contact USON 4x3mm
IS66WVS2M8ALL-104NLI
8-pin SOIC 150mil
3.0V
104
IS66WVS2M8BLL-104KLI
8-contact WSON 6x5mm
IS66WVS2M8BLL-104TLI
8-contact USON 4x3mm
IS66WVS2M8BLL-104NLI
8-pin SOIC 150mil
Config.
Voltage
Frequency (MHz)
Order Part Number
Package
2Mbx8
1.8V
104
IS67WVS2M8ALL-104KLA1
8-contact WSON 6x5mm
IS67WVS2M8ALL-104TLA1
8-contact USON 4x3mm
IS67WVS2M8ALL-104NLA1
8-pin SOIC 150mil
3.0V
104
IS67WVS2M8BLL-104KLA1
8-contact WSON 6x5mm
IS67WVS2M8BLL-104TLA1
8-contact USON 4x3mm
IS67WVS2M8BLL-104NLA1
8-pin SOIC 150mil
Config.
Voltage
Frequency (MHz)
Order Part Number
Package
2Mbx8
1.8V
104
IS67WVS2M8ALL-104KLA2
8-contact WSON 6x5mm
IS67WVS2M8ALL-104TLA2
8-contact USON 4x3mm
IS67WVS2M8ALL-104NLA2
8-pin SOIC 150mil
3.0V
104
IS67WVS2M8BLL-104KLA2
8-contact WSON 6x5mm
IS67WVS2M8BLL-104TLA2
8-contact USON 4x3mm
IS67WVS2M8BLL-104NLA2
8-pin SOIC 150mil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com