| Moteur de recherche de fiches techniques de composants électroniques |
|
IS66WVR4M8ALL-R104WLA2 Fiches technique(PDF) 11 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS66WVR4M8ALL-R104WLA2 Fiches technique(HTML) 11 Page - Integrated Silicon Solution, Inc |
|
11 / 34 page ![]() IS66/67WVR4M8ALL/BLL Integrated Silicon Solution, Inc.- www.issi.com 11 Rev. A2 07/08/2024 4.5 READ/WRITE TERMINATION All reads and writes must be followed immediately by a clock pulse of CE# HIGH in order to terminate the read and writes, and set the device into standby status. CE# must transition to HIGH after the tHD (Clock rising edge to CE# HIGH). Figure 4.1 Command Termination (Standard Device) CE# CLK WL Terminated Data In/Out SI/SO/SIO tHD As for optional device, one more clock is required to terminate operation with CE# not active setup time and hold time. Call factory for optional device. Figure 4.2 Command Termination (Optional Device) CE# CLK WL Terminated Data In/Out SI/SO/SIO Clocking Optional |