Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41ST87YSS6F Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce M41ST87YSS6F
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YSS6F Fiches technique(HTML) 5 Page - STMicroelectronics

  M41ST87YSS6F Datasheet HTML 1Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 2Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 3Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 4Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 5Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 6Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 7Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 8Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
M41ST87W
List of figures
DocID9497 Rev 11
5/54
List of figures
Figure 1: Logic diagram ..............................................................................................................................7
Figure 2: 28-pin, 300 mil SOIC connections ...............................................................................................8
Figure 3: 20-pin, SSOP connections ..........................................................................................................8
Figure 4: Block diagram ............................................................................................................................10
Figure 5: Hardware hookup ......................................................................................................................11
Figure 6: Serial bus data transfer sequence.............................................................................................14
Figure 7: Acknowledgement sequence.....................................................................................................14
Figure 8: Bus timing requirements sequence ...........................................................................................14
Figure 9: Slave address location ..............................................................................................................16
Figure 10: READ mode sequence ............................................................................................................16
Figure 11: Alternate READ mode sequence ............................................................................................16
Figure 12: WRITE mode sequence ..........................................................................................................17
Figure 13: WRITE cycle timing: RTC and external SRAM control signals ...............................................17
Figure 14: Tamper detect connection options ..........................................................................................19
Figure 15: Basic tamper detect options ....................................................................................................20
Figure 16: Tamper detect output options..................................................................................................20
Figure 17: Tamper detect sampling options .............................................................................................22
Figure 18: Tamper current options ...........................................................................................................23
Figure 19: Tamper output timing (with CLR1EXT or CLR2EXT = '1') - available in SOX28 package only
..................................................................................................................................................................23
Figure 20: RAM clear hardware hookup (SOX28 package only) .............................................................24
Figure 21: Low-pass filter implementation for noise immunity..................................................................26
Figure 22: Crystal accuracy across temperature ......................................................................................32
Figure 23: Calibration waveform ...............................................................................................................32
Figure 24: Alarm interrupt reset waveform ...............................................................................................33
Figure 25: Backup mode alarm waveform ................................................................................................34
Figure 26:
������������������������������������������������������������������������and������������������������������������������������������������������������timingwaveforms..................................................................................36
Figure 27: AC testing input/output waveforms..........................................................................................42
Figure 28: Power down/up mode AC waveforms .....................................................................................45
Figure 29: SOX28 – 28-lead plastic small outline, 300 mils, embedded crystal package outline ............46
Figure 30: SSOP20 – 20-lead, shrink, small outline package outline ......................................................48
Figure 31: Carrier tape for SOX28 package .............................................................................................49
Figure 32: Carrier tape for SSOP20 package...........................................................................................50
Figure 33: Reel schematic ........................................................................................................................51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54