Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T00M6F Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce M41T00M6F
Description  Serial real-time clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00M6F Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button M41T00M6F Datasheet HTML 17Page - STMicroelectronics M41T00M6F Datasheet HTML 18Page - STMicroelectronics M41T00M6F Datasheet HTML 19Page - STMicroelectronics M41T00M6F Datasheet HTML 20Page - STMicroelectronics M41T00M6F Datasheet HTML 21Page - STMicroelectronics M41T00M6F Datasheet HTML 22Page - STMicroelectronics M41T00M6F Datasheet HTML 23Page - STMicroelectronics M41T00M6F Datasheet HTML 24Page - STMicroelectronics M41T00M6F Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DocID6100 Rev 10
21/25
M41T00
Package information
25
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
6.1
SO8 package information
Figure 15. SO8 – 8-lead plastic small outline, 150 mils body width,
package outline
Note:
Drawing is not to scale.
0016023_9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25