| Moteur de recherche de fiches techniques de composants électroniques |
|
M41T00S Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T00S Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 28 page ![]() Package mechanical information M41T00S 24/28 DocID10772 Rev 7 Figure 16. Carrier tape for SO8 (150 mils body width) package T K 0 P 1 A 0 B 0 P 2 P 0 CENTER LINES OF CAVITY W E F D TOP COVER TAPE USER DIRECTION OF FEED AM03073v1 Table 14. Carrier tape dimensions for SO8 (150 mils body width) package Package W D E P0 P2 F A0 B0 K0 P1 T Unit Bulk Qty SO8 12.00 ±0.30 1.50 +0.10/ –0.00 1.75 ±0.10 4.00 ±0.10 2.00 ±0.10 5.50 ±0.05 6.50 ±0.10 5.30 ±0.10 2.20 ±0.10 8.00 ±0.10 0.30 ±0.05 mm 2500 |