Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41ST87YSS6TR Fiches technique(PDF) 50 Page - STMicroelectronics

No de pièce M41ST87YSS6TR
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YSS6TR Fiches technique(HTML) 50 Page - STMicroelectronics

Back Button M41ST87YSS6TR Datasheet HTML 46Page - STMicroelectronics M41ST87YSS6TR Datasheet HTML 47Page - STMicroelectronics M41ST87YSS6TR Datasheet HTML 48Page - STMicroelectronics M41ST87YSS6TR Datasheet HTML 49Page - STMicroelectronics M41ST87YSS6TR Datasheet HTML 50Page - STMicroelectronics M41ST87YSS6TR Datasheet HTML 51Page - STMicroelectronics M41ST87YSS6TR Datasheet HTML 52Page - STMicroelectronics M41ST87YSS6TR Datasheet HTML 53Page - STMicroelectronics M41ST87YSS6TR Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
Packing information
M41ST87W
50/54
DocID9497 Rev 11
7.2
SSOP20 carrier tape
Figure 32: Carrier tape for SSOP20 package
Note: All dimensions in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54