Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41ST85WMX6F Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce M41ST85WMX6F
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6F Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button M41ST85WMX6F Datasheet HTML 34Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 35Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 36Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 37Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 38Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 39Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 40Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 41Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Package mechanical data
M41ST85W
38/43
DocID7531 Rev 12
Figure 25. Carrier tape for SOH28 and SOX28 package
T
K
0
P
1
A
0
B
0
P
2
P
0
CENTER LINES
OF CAVITY
W
E
F
D
TOP COVER
TAPE
USER DIRECTION OF FEED
AM03073v1
Table 18. Carrier tape dimensions for SOH28 and SOX28 packages
Package
W
D
E
P0
P2
F
A0
B0
K0
P1
T
Unit
Bulk
Qty
SOH28
24.00
±0.30
1.50
+0.10/
–0.00
1.75
±0.10
4.00
±0.10
2.00
±0.10
11.50
±0.10
12.90
±0.10
18.70
±0.10
3.20
±0.10
16.00
±0.10
0.30
±0.05
mm
936
SOX28
24.00
±0.30
1.50
+0.10/
–0.00
1.75
±0.10
4.00
±0.10
2.00
±0.10
11.50
±0.10
12.70
±0.10
18.20
±0.10
3.20
±0.10
16.00
±0.10
0.30
±0.05
mm 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43