Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T00CAP Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce M41T00CAP
Description  Serial access real-time clock (RTC) with integral backup battery and crystal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00CAP Fiches technique(HTML) 4 Page - STMicroelectronics

  M41T00CAP Datasheet HTML 1Page - STMicroelectronics M41T00CAP Datasheet HTML 2Page - STMicroelectronics M41T00CAP Datasheet HTML 3Page - STMicroelectronics M41T00CAP Datasheet HTML 4Page - STMicroelectronics M41T00CAP Datasheet HTML 5Page - STMicroelectronics M41T00CAP Datasheet HTML 6Page - STMicroelectronics M41T00CAP Datasheet HTML 7Page - STMicroelectronics M41T00CAP Datasheet HTML 8Page - STMicroelectronics M41T00CAP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
List of figures
M41T00CAP
List of figures
Figure 1: Logic diagram ..............................................................................................................................5
Figure 2: Block diagram ..............................................................................................................................5
Figure 3: DIP connections ..........................................................................................................................6
Figure 4: Serial bus data transfer sequence...............................................................................................8
Figure 5: Acknowledgement sequence.......................................................................................................9
Figure 6: Slave address location ................................................................................................................9
Figure 7: READ mode sequence ..............................................................................................................10
Figure 8: Alternative READ mode sequence ............................................................................................10
Figure 9: WRITE mode sequence ............................................................................................................11
Figure 10: Crystal acccuracy across temperature ....................................................................................14
Figure 11: Clock calibration ......................................................................................................................14
Figure 12: AC measurement I/O waveform ..............................................................................................17
Figure 13: Power-down/up mode AC waveforms .....................................................................................18
Figure 14: Bus timing requirements sequence .........................................................................................19
Figure 15: PCDIP24 - 24-pin plastic DIP, battery CAPHAT™, package outline ......................................20
Figure 16: Ordering information scheme ..................................................................................................21
Figure 17: Recycling symbols ...................................................................................................................22
4/24
DocID014557 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24