| Moteur de recherche de fiches techniques de composants électroniques |
|
IS66WVS2M8BLL-R104YLI Fiches technique(PDF) 11 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS66WVS2M8BLL-R104YLI Fiches technique(HTML) 11 Page - Integrated Silicon Solution, Inc |
|
11 / 35 page ![]() IS66/67WVS2M8ALL/BLL Integrated Silicon Solution, Inc.- www.issi.com 11 Rev. A1 11/13/2023 5. READ/WRITE OPERATIONS 5.1 SPI READ OPERATIONS For all reads, data will be available for tACLK after the falling edge of clock. SPI reads can be done in three ways: 03h: Serial CMD, Serial IO, slow frequency (1-1-1, 0 Wait Cycle) 0Bh: Serial CMD, Serial IO, fast frequency (1-1-1, 8 Wait Cycles) EBh: Serial CMD, Quad IO, fast frequency (1-4-4, 6 Wait Cycles) Figure 5.1 SPI Read, 03h (1-1-1, Max frequency: 33MHz) CE# CLK SI 0 1 0 0 2 3 4 5 6 7 8 9 10 30 0 0 1 1 0 0 24 Bits Address 31 32 33 tACLK 29 34 41 23 22 21 2 0 1 Cmd SPI Read(03h) SO Q7 Q6 Q4 Q2 Q1 Q3 Q5 Data Out 1 Data out 2 High-Z Q0 Q7 Q6 36 37 38 39 35 40 Note: 1. Data out goes to High-Z after CE# transitions to HIGH (tHZ). Figure 5.2 SPI Fast Read, 0Bh (1-1-1, Max frequency: 104MHz) CE# CLK SI 0 1 0 0 2 3 4 5 6 7 8 9 10 30 0 1 1 1 0 0 24 Bits Address 31 32 33 tACLK 29 44 23 22 21 2 0 1 Cmd SPI Fast Read(0Bh) SO Q7 Q6 Q4 Q2 Q1 Q3 Q5 Data Out 1 Data out 2 High-Z Wait Cycles (8 Clocks) Q0 Q7 Q6 39 40 41 42 38 43 48 45 46 47 Note: 1. Data out goes to High-Z after CE# transitions to HIGH (tHZ). |