| Moteur de recherche de fiches techniques de composants électroniques |
|
IS66WVS2M8BLL-R104KLI Fiches technique(PDF) 25 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS66WVS2M8BLL-R104KLI Fiches technique(HTML) 25 Page - Integrated Silicon Solution, Inc |
|
25 / 35 page ![]() IS66/67WVS2M8ALL/BLL Integrated Silicon Solution, Inc.- www.issi.com 25 Rev. A1 11/13/2023 7. ELECTRICAL CHARACTERISTICS 7.1 ABSOLUTE MAXIMUM RATINGS (1) Storage Temperature -65°C to +150°C Input Voltage with Respect to Ground on All Pins ALL -0.3V to VCC + 0.3V BLL -0.5V to VCC + 0.3V All Output Voltage with Respect to Ground ALL -0.3V to VCC + 0.5V BLL -0.5V to VCC + 0.5V VCC ALL -0.5V to +2.5V BLL -0.5V to +6.0V Notes: 1. Applied conditions greater than those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 7.2 OPERATING RANGE Operating Temperature Industrial Grade -40°C to 85°C Automotive Grade A1 -40°C to 85°C Automotive Grade A2 -40°C to 105°C VCC Power Supply IS66/67WVS2M8ALL 1.65V (VMIN) –1.95V (VMAX); 1.8V (Typ) IS66/67WVS2M8BLL 2.7V (VMIN) –3.6V (VMAX); 3.0V (Typ) |