Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS66WVR4M8BLL-R104KLI Fiches technique(PDF) 19 Page - Integrated Silicon Solution, Inc

No de pièce IS66WVR4M8BLL-R104KLI
Description  1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVR4M8BLL-R104KLI Fiches technique(HTML) 19 Page - Integrated Silicon Solution, Inc

Back Button IS66WVR4M8BLL-R104KLI Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLI Datasheet HTML 23Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
IS66/67WVR4M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
19
Rev. A2
07/08/2024
5.8 RESET OPERATION
Software RESET
The software reset operation is used as a system reset that puts the device in SPI standby mode, which is
also the default mode after power up. This operation consists of two commands: RESET Enable (0x66h) and
RESET (RST, 0x99).
The reset operations requires the RESET ENABLE command to be followed by the RESET command. Any
other command other than the RESET command after the RESET ENABLE command will disable the
RESET ENABLE procedure.
Figure 5.13 SPI RESET
CE#
CLK
SI
0
1
2
3
4
5
6
7
8
9
10 11
12 13 14 15 16
0
1
1
0
0
1
1
0
1
0
0
1
1
0
0
1
Reset Enabe CMD (66h)
Reset CMD (99h)
Figure 5.14 QPI RESET
CE#
CLK
Cmd
RSTEN
SIO[3:0]
0
1
6
6
2
3
4
9
9
Cmd
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34