Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99LDLH32 Fiches technique(PDF) 101 Page - STMicroelectronics

No de pièce L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Fiches technique(HTML) 101 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 97Page - STMicroelectronics L99LDLH32 Datasheet HTML 98Page - STMicroelectronics L99LDLH32 Datasheet HTML 99Page - STMicroelectronics L99LDLH32 Datasheet HTML 100Page - STMicroelectronics L99LDLH32 Datasheet HTML 101Page - STMicroelectronics L99LDLH32 Datasheet HTML 102Page - STMicroelectronics L99LDLH32 Datasheet HTML 103Page - STMicroelectronics L99LDLH32 Datasheet HTML 104Page - STMicroelectronics L99LDLH32 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 142 page
background image
DS12879 Rev 6
101/142
L99LDLH32
FTP and RAM memory mapping
141
7.1.15
Channel VLEDON ADC status refresh
Figure 73. Channel VLEDON ADC status refresh register
Address 2Bh
Access
Read
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
bit
31
bit
30
bit
29
bit
28
bit
27
bit
26
bit
25
bit
24
bit
23
bit
22
bit
21
bit
20
bit
19
bit
18
bit
17
bit
16
bit
15
bit
14
bit
13
bit
12
bit
11
bit
10
bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
VLEDON_RFR_CH24-31
VLEDON_RFR_CH16-23
VLEDON_RFR_CH8-15
VLEDON_RFR_CH0-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More