Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99LDLH32 Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 43Page - STMicroelectronics L99LDLH32 Datasheet HTML 44Page - STMicroelectronics L99LDLH32 Datasheet HTML 45Page - STMicroelectronics L99LDLH32 Datasheet HTML 46Page - STMicroelectronics L99LDLH32 Datasheet HTML 47Page - STMicroelectronics L99LDLH32 Datasheet HTML 48Page - STMicroelectronics L99LDLH32 Datasheet HTML 49Page - STMicroelectronics L99LDLH32 Datasheet HTML 50Page - STMicroelectronics L99LDLH32 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 142 page
background image
DS12879 Rev 6
47/142
L99LDLH32
Communication interface
141
Figure 18. Broadcast message flow
6.5.2
Broadcast frame for current setting and PWM duty cycle setting
As shown in Figure 19, a broadcast frame uses the ID starting with ‘1’ followed by three ‘1’s
and the chain number. Bit 6 “CUR” defines whether the data contains PWM duty cycle data
(0) or current setting data (1). The six-bit chain number allows the assignment of 64 chains
with up to four Responders consisting of 16-channel entities each.
Figure 19. Broadcast frame
CUR = 0: Duty cycle update
CUR = 1: Current setting update
CUR
Chain ID [5:0]
1111
CTRL
Position 00_Data_Ch0-15 Position 01_Data_Ch0-15 Position 10_Data_Ch0-15 Position 11_Data_Ch0-15
ACK/EOF
CRC
16x8 bit
16x8 bit
16x8 bit
16x8 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More