Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESM6045 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce ESM6045
Description  NPN DARLINGTON POWER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESM6045 Fiches technique(HTML) 7 Page - STMicroelectronics

  ESM6045 Datasheet HTML 1Page - STMicroelectronics ESM6045 Datasheet HTML 2Page - STMicroelectronics ESM6045 Datasheet HTML 3Page - STMicroelectronics ESM6045 Datasheet HTML 4Page - STMicroelectronics ESM6045 Datasheet HTML 5Page - STMicroelectronics ESM6045 Datasheet HTML 6Page - STMicroelectronics ESM6045 Datasheet HTML 7Page - STMicroelectronics ESM6045 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
11.8
12.2
0.466
0.480
B
8.9
9.1
0.350
0.358
C
1.95
2.05
0.076
0.080
D
0.75
0.85
0.029
0.033
E
12.6
12.8
0.496
0.503
F
25.15
25.5
0.990
1.003
G
31.5
31.7
1.240
1.248
H
4
0.157
J
4.1
4.3
0.161
0.169
K
14.9
15.1
0.586
0.594
L
30.1
30.3
1.185
1.193
M
37.8
38.2
1.488
1.503
N
4
0.157
O
7.8
8.2
0.307
0.322
B
O
N
J
K
L
M
A
C
G
ISOTOP MECHANICAL DATA
ESM6045DV
7/8



Html Pages

1 2 3 4 5 6 7 8