Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AF6246ITDY Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STM8AF6246ITDY
Description  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6246ITDY Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STM8AF6246ITDY Datasheet HTML 5Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 6Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 7Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 8Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 9Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 10Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 11Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 12Page - STMicroelectronics STM8AF6246ITDY Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
DocID14952 Rev 11
9/99
STM8AF6246/48/66/68
Introduction
93
1
Introduction
This datasheet refers to the STM8AF6246, STM8AF6248, STM8AF6266 and STM8AF6268
products with 16 to 32 Kbyte of Flash program memory.
In the order code, the letter ‘F’ refers to product versions with data EEPROM and ‘H’ refers
to product versions without data EEPROM. The identifiers ‘F’ and ‘H’ do not coexist in a
given order code.
The datasheet contains the description of family features, pinout, electrical characteristics,
mechanical data and ordering information.
•
For complete information on the STM8A microcontroller memory, registers and
peripherals, please refer to STM8S series and STM8AF series 8-bit microcontrollers
reference manual (RM0016).
•
For information on programming, erasing and protection of the internal Flash memory
please refer to the STM8 Flash programming manual (PM0051).
•
For information on the debug and SWIM (single wire interface module) refer to the
STM8 SWIM communication protocol and debug module user manual (UM0470).
•
For information on the STM8 core, please refer to the STM8 CPU programming manual
(PM0044).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99