Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS85R4M1TA Fiches technique(PDF) 7 Page - RAMXEED LIMITED

No de pièce MS85R4M1TA
Description  4 M (512 K × 8) Bit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMXEED [RAMXEED LIMITED]
Site Internet  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85R4M1TA Fiches technique(HTML) 7 Page - RAMXEED LIMITED

Back Button MS85R4M1TA Datasheet HTML 3Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 4Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 5Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 6Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 7Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 8Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 9Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 10Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 11Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DS501-00093-1v1-E
7
MS85R4M1TA
ELECTRICAL CHARACTERISTICS
1. DC Characteristics
(within recommended operating conditions)
Parameter
Sym
-bol
Condition
Value
Unit
Min
Typ
Max(TA
≤
85°C)
Max(TA
≥
85°C)
Input Leakage
Current
|ILI|
VIN = 0V to VDD
―
―
5
μA
Output Leakage
Current
|ILO|
VOUT = 0V to VDD
/CE = VIH or /OE = VIH
―
―
5
μA
Operating Power
Supply Current*1
IDD
/CE = 0.2 V, Iout = 0 mA
―
13.5
16
16
mA
Standby Current
ISB
/ZZ ≥ VDD − 0.2V
/CE, /WE, /OE ≥ VDD − 0.2V
Others ≥ VDD − 0.2V or ≤ 0.2V
―
12
100
150
μA
Sleep Current
IZZ
/ZZ = VSS
/CE, /WE, /OE ≥ VDD − 0.2V
Others ≥ VDD − 0.2V or ≤ 0.2V
―
3.5
10
12
μA
High Level
Input Voltage
VIH
VDD = 1.8V to 3.6V
VDD × 0.8
―
VDD + 0.3
V
Low Level Input
Voltage
VIL
VDD = 1.8V to 3.6V
− 0.3
―
VDD × 0.2
V
High Level
Output Voltage
VOH1 VDD = 2.5V to 3.6V
IOH = − 1.0mA
VDD × 0.8
―
―
V
VOH2 VDD = 1.8V to 2.5V
IOH = − 100μA
VDD − 0.2
―
―
Low Level
Output Voltage
VOL1
VDD = 2.5V to 3.6V
IOL = 2.0mA
―
―
0.4
V
VOL2
VDD = 1.8V to 2.5V
IOL = 150μA
―
―
0.2
*1: During the measurement of IDD, all Address and I/O were taken to only change once per active cycle.
Iout : output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com