| Moteur de recherche de fiches techniques de composants électroniques |
|
OPA192IDBVT.B Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA192IDBVT.B Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 61 page ![]() OPA192, OPA2192, OPA4192 SBOS620E – DECEMBER 2013 – REVISED NOVEMBER 2015 www.ti.com 6.7 Electrical Characteristics: VS = ±4 V to ±18 V (VS = +8 V to +36 V) At TA = +25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT OFFSET VOLTAGE ±5 ±25 TA = 0°C to 85°C ±8 ±50 TA = –40°C to +125°C ±10 ±75 VOS Input offset voltage µV ±10 ±40 VCM = (V+) – 1.5 V TA = 0°C to 85°C ±25 ±150 TA = –40°C to +125°C ±50 ±250 TA = 0°C to 85°C ±0.1 ±0.5 D packages only TA = –40°C to +125°C ±0.15 ±0.8 dVOS/dT Input offset voltage drift µV/°C TA = 0°C to 85°C ±0.1 ±0.8 DBV, DGK, and PW packages only TA = –40°C to +125°C ±0.2 ±1.0 Power-supply rejection PSRR TA = –40°C to +125°C ±0.3 ±1.0 µV/V ratio INPUT BIAS CURRENT ±5 ±20 pA IB Input bias current TA = –40°C to +125°C ±5 nA ±2 ±20 pA IOS Input offset current TA = –40°C to +125°C ±2 nA NOISE (V–) – 0.1 V < VCM < (V+) – 3 V f = 0.1 Hz to 10 Hz 1.30 En Input voltage noise µVPP (V+) – 1.5 V < VCM < (V+) + 0.1 V f = 0.1 Hz to 10 Hz 4 f = 100 Hz 10.5 (V–) – 0.1 V < VCM < (V+) – 3 V f = 1 kHz 5.5 Input voltage noise en nV/ √Hz density f = 100 Hz 32 (V+) – 1.5 V < VCM < (V+) + 0.1 V f = 1 kHz 12.5 NOISE (continued) Input current noise in f = 1 kHz 1.5 fA/ √Hz density INPUT VOLTAGE Common-mode voltage VCM (V–) – 0.1 (V+) + 0.1 V range 120 140 (V–) – 0.1 V < VCM < (V+) – 3 V TA = –40°C to +125°C 114 126 dB Common-mode CMRR 100 120 rejection ratio (V+) – 1.5 V < VCM < (V+) TA = –40°C to +125°C 86 100 (V+) – 3 V < VCM < (V+) – 1.5 V See Typical Characteristics INPUT IMPEDANCE ZID Differential 100 || 1.6 M Ω || pF 1013 Ω || ZIC Common-mode 1 || 6.4 pF OPEN-LOOP GAIN 120 134 (V–) + 0.6 V < VO < (V+) – 0.6 V, RLOAD = 2 kΩ TA = –40°C to +125°C 114 126 AOL Open-loop voltage gain dB 126 140 (V–) + 0.3 V < VO < (V+) – 0.3 V, RLOAD = 10 kΩ TA = –40°C to +125°C 120 134 8 Submit Documentation Feedback Copyright © 2013–2015, Texas Instruments Incorporated Product Folder Links: OPA192 OPA2192 OPA4192 |