| Moteur de recherche de fiches techniques de composants électroniques |
|
PWC2512AS-RDPB Fiches technique(PDF) 4 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
PWC2512AS-RDPB Fiches technique(HTML) 4 Page - TT Electronics. |
|
4 / 4 page ![]() Temperature Derating Curve 125 Ambient Temperature / °C 75 50 25 0 100 5 5 1 0 7 5 1 - Pulse Withstanding Chip Resistors PWC Series © Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com Thermal Performance Data 09. 09 Welwyn Components Application Note PWC resistors themselves can operate at a maximum temperature of 155°C. For soldered resistors, the joint temperature should not exceed 110°C. This condition is met when the stated power levels at 70°C and recommended pad and trace areas are used. Pad and trace area is defined as the total area of the solder pad plus all copper trace within two squares of the edge of the solder pad. Allowance should be made if smaller areas of copper are used. A full Application Note on the PWC Series is available. Packaging 0603, 0805 and 1206 resistors are supplied on 8mm carrier tape and 2010 and 2512 resistors are supplied on 12mm carrier tape, all on 7 inch reels as per IEC 286-3. Ordering Procedure This product has two valid part numbers: Pulse Withstanding Chip Resistors PWC Series Ordering Procedure This product has two valid part numbers: European (Welwyn) Part Number: PWC2512-2K0JI (2512, 2 kilohms ±5%, Pb-free) P W C 2 5 1 2 - 2 K 0 J I 1 2 3 4 5 6 USA (IRC) Part Number: PWC-PWC2512LF-2K00-J (2512, 2 kilohms ±5%, Pb-free) P W C - P W C 2 5 1 2 L F - 2 K 0 0 - J 1 2 3 4 5 6 1 2 3 4 5 6 Type Size Anti-Sulphur Value Tolerance Termination & Packing PWC 0603 Omit for standard E24 = 3/4 characters D = ±0.5% AS = Anti-sulphur E96 = 3/4 characters F = ±1% 0805, 1206, 2010 3000/reel R = ohms J = ±5% K = kilohms 2512 1800/reel M = megohms All sizes 1000/reel 1 2 3 4 5 6 Family Model Size Termination Value Tolerance Packing PWC PWC Omit for SnPb D = ±0.5% Plastic tape LF = Pb-free F = ±1% 1206, 2010 3000/reel J = ±5% 2512 1800/reel I = Pb-free, Standard, PB = SnPb, Standard T1 = Pb-free, 1K reel E24 = 4 characters E96 = 4 characters R = ohms K = kilohms M = megohms 2512 2010 1206 0805 1206 2010 2512 0603 5000/reel 09.18 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc www.ttelectronics.com/resistors BI Technologies IRC Welwyn |