| Moteur de recherche de fiches techniques de composants électroniques |
|
ESM1602 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ESM1602 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() SCHEMATIC DIAGRAM ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Supply Voltage 45 V VID Differential Input Voltage 45 V VI Input Voltage –0.7 to +45 V IO (max) Output Current Internally Limited mA Ptot Power Dissipation Internally Limited W Top Operating Ambient Temperature Range –25 to +85 oC Tstg Storage Temperature Range –40 to +150 oC ESM1602B 2/11 |