Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS10H100SFY Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STPS10H100SFY
Description  Automotive 100 V, 10 A low Ir power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10H100SFY Fiches technique(HTML) 4 Page - STMicroelectronics

  STPS10H100SFY Datasheet HTML 1Page - STMicroelectronics STPS10H100SFY Datasheet HTML 2Page - STMicroelectronics STPS10H100SFY Datasheet HTML 3Page - STMicroelectronics STPS10H100SFY Datasheet HTML 4Page - STMicroelectronics STPS10H100SFY Datasheet HTML 5Page - STMicroelectronics STPS10H100SFY Datasheet HTML 6Page - STMicroelectronics STPS10H100SFY Datasheet HTML 7Page - STMicroelectronics STPS10H100SFY Datasheet HTML 8Page - STMicroelectronics STPS10H100SFY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Figure 5. Forward voltage drop versus forward current
(typical values)
0.1
1.0
10.0
100.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VF(V)
IF(A)
Tj = -40 °C
Tj = 125 °C
Tj = 75 °C
Tj = 150 °C
Tj = 25 °C
Figure 6. Normalized avalanche power derating versus
pulse duration (Tj = 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 7. Thermal resistance junction to ambient versus copper surface under tab (typical values, epoxy
printed board FR4, eCu = 35 µm) (PSMC (TO-277A))
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
SCu(cm²)
Rth(j-a) (°C/W)
PSMC (TO-277A)
STPS10H100SFY
Characteristics (curves)
DS12906 - Rev 1
page 4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11