| Moteur de recherche de fiches techniques de composants électroniques |
|
ESDA5V3L Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ESDA5V3L Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 6 page ![]() ESDAxxL 6/6 TYPE MARKING ESDA5V3L EL53 ESDA6V1L EL61 ESDA14V2L EL15 ESDA25L EL25 Packaging: Standard packaging is tape and reel. MARKING Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap- proval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics © 2000 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com PACKAGE MECHANICAL DATA SOT23 (Plastic) B E S e e1 A D c L H A1 REF. DIMENSIONS Millimeters Inches Min. Max. Min. Max. A 0.89 1.4 0.035 0.055 A1 0 0.1 0 0.004 B 0.3 0.51 0.012 0.02 c 0.085 0.18 0.003 0.007 D 2.75 3.04 0.108 0.12 e 0.85 1.05 0.033 0.041 e1 1.7 2.1 0.067 0.083 E 1.2 1.6 0.047 0.063 H 2.1 2.75 0.083 0.108 L 0.6 typ. 0.024 typ. S 0.35 0.65 0.014 0.026 FOOT PRINT (in millimeters) 0.9 0.035 0.9 0.035 1.9 0.075 mm inch 1.45 0.037 0.9 0.035 ORDER CODE ESDA 6V1 L ESD ARRAY VBR min PACKAGE : SOT23 PLASTIC |