Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F031C4U7 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STM32F031C4U7
Description  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031C4U7 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STM32F031C4U7 Datasheet HTML 28Page - STMicroelectronics STM32F031C4U7 Datasheet HTML 29Page - STMicroelectronics STM32F031C4U7 Datasheet HTML 30Page - STMicroelectronics STM32F031C4U7 Datasheet HTML 31Page - STMicroelectronics STM32F031C4U7 Datasheet HTML 32Page - STMicroelectronics STM32F031C4U7 Datasheet HTML 33Page - STMicroelectronics STM32F031C4U7 Datasheet HTML 34Page - STMicroelectronics STM32F031C4U7 Datasheet HTML 35Page - STMicroelectronics STM32F031C4U7 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
Table 13. Alternate functions selected through GPIOB_AFR registers for port B
Pin name
AF0
AF1
AF2
AF3
PB0
EVENTOUT
TIM3_CH3
TIM1_CH2N
-
PB1
TIM14_CH1
TIM3_CH4
TIM1_CH3N
-
PB2
----
PB3
SPI1_SCK, I2S1_CK
EVENTOUT
TIM2_CH2
-
PB4
SPI1_MISO, I2S1_MCK
TIM3_CH1
EVENTOUT
-
PB5
SPI1_MOSI, I2S1_SD
TIM3_CH2
TIM16_BKIN
I2C1_SMBA
PB6
USART1_TX
I2C1_SCL
TIM16_CH1N
-
PB7
USART1_RX
I2C1_SDA
TIM17_CH1N
-
PB8
-
I2C1_SCL
TIM16_CH1
-
PB9
IR_OUT
I2C1_SDA
TIM17_CH1
EVENTOUT
PB10
-
I2C1_SCL
TIM2_CH3
-
PB11
EVENTOUT
I2C1_SDA
TIM2_CH4
-
PB12
SPI1_NSS
EVENTOUT
TIM1_BKIN
-
PB13
SPI1_SCK
-
TIM1_CH1N
-
PB14
SPI1_MISO
-
TIM1_CH2N
-
PB15
SPI1_MOSI
-
TIM1_CH3N
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More