| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430F2002IPWR Fiches technique(PDF) 57 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430F2002IPWR Fiches technique(HTML) 57 Page - Texas Instruments |
|
57 / 102 page ![]() MSP430F20x3 MSP430F20x2 MSP430F20x1 www.ti.com SLAS491I – AUGUST 2005 – REVISED DECEMBER 2012 Table 23. Port P1 (P1.0 to P1.2) Pin Functions, MSP430F20x2 CONTROL BITS / SIGNALS(1)(2) PIN NAME (P1.x) x FUNCTION P1DIR.x P1SEL.x ADC10AE.x INCHx P1.0(3) input/output 0/1 0 0 N/A Timer_A2.TACLK/INCLK 0 1 0 N/A P1.0/TACLK/ACLK/A0 0 ACLK 1 1 0 N/A A0(4) X X 1 0 P1.1(3) input/output 0/1 0 0 N/A Timer_A2.CCI0A 0 1 0 N/A P1.1/TA0/A1 1 Timer_A2.TA0 1 1 0 N/A A1(4) X X 1 1 P1.2(3) input/output 0/1 0 0 N/A Timer_A2.CCI1A 0 1 0 N/A P1.2/TA1/A2 2 Timer_A2.TA1 1 1 0 N/A A2(4) X X 1 2 (1) X = Don't care (2) N/A = Not available or not applicable (3) Default after reset (PUC/POR) (4) Setting the ADC10AE.x bit disables the output driver and the input Schmitt trigger to prevent parasitic cross currents when applying analog signals. Copyright © 2005–2012, Texas Instruments Incorporated Submit Documentation Feedback 57 |