| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX3232CPWR Fiches technique(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MAX3232CPWR Fiches technique(HTML) 15 Page - Texas Instruments |
|
15 / 30 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) MAX3232CD Obsolete Production SOIC (D) | 16 - - Call TI Call TI 0 to 70 MAX3232C MAX3232CDB Obsolete Production SSOP (DB) | 16 - - Call TI Call TI 0 to 70 MA3232C MAX3232CDBR Active Production SSOP (DB) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 MA3232C MAX3232CDBR.A Active Production SSOP (DB) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 MA3232C MAX3232CDR Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 MAX3232C MAX3232CDR.A Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 MAX3232C MAX3232CDR1G4 Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 MAX3232C MAX3232CDR1G4.A Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 MAX3232C MAX3232CDW Obsolete Production SOIC (DW) | 16 - - Call TI Call TI 0 to 70 MAX3232C MAX3232CDWR Obsolete Production SOIC (DW) | 16 - - Call TI Call TI 0 to 70 MAX3232C MAX3232CPW Obsolete Production TSSOP (PW) | 16 - - Call TI Call TI 0 to 70 MA3232C MAX3232CPWR Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 MA3232C MAX3232CPWR.A Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 MA3232C MAX3232CPWRE4 Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 MA3232C MAX3232CPWRG4 Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 MA3232C MAX3232CPWRG4.A Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 MA3232C MAX3232CPWRG4.B Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 MA3232C MAX3232IDBR Active Production SSOP (DB) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 MB3232I MAX3232IDBR.A Active Production SSOP (DB) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 MB3232I MAX3232IDBRE4 Active Production SSOP (DB) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 MB3232I MAX3232IDRG4 Obsolete Production SOIC (D) | 16 - - Call TI Call TI -40 to 85 MAX3232I MAX3232IDW Obsolete Production SOIC (DW) | 16 - - Call TI Call TI -40 to 85 MAX3232I MAX3232IDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 85 MAX3232I MAX3232IDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 MAX3232I MAX3232IPWR Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 85 MB3232I MAX3232IPWR.A Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 MB3232I MAX3232IPWR.B Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 MB3232I MAX3232IPWRE4 Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 MB3232I MAX3232IPWRG4 Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 MB3232I Addendum-Page 1 |