| Moteur de recherche de fiches techniques de composants électroniques |
|
LSF0102DDFR Fiches technique(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LSF0102DDFR Fiches technique(HTML) 24 Page - Texas Instruments |
|
24 / 42 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 31-Jul-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LSF0102DCTR SSOP DCT 8 3000 180.0 12.4 3.15 4.35 1.55 4.0 12.0 Q3 LSF0102DCUR VSSOP DCU 8 3000 178.0 9.0 2.25 3.35 1.05 4.0 8.0 Q3 LSF0102DQER X2SON DQE 8 5000 180.0 9.5 1.15 1.6 0.5 4.0 8.0 Q1 LSF0102DQERG4 X2SON DQE 8 5000 180.0 9.5 1.15 1.6 0.5 4.0 8.0 Q1 LSF0102DTMR X2SON DTM 8 12000 180.0 8.4 0.92 1.47 0.47 4.0 8.1 Q1 LSF0102YZTR DSBGA YZT 8 3000 180.0 8.4 1.02 2.02 0.75 4.0 8.0 Q1 Pack Materials-Page 1 |