| Moteur de recherche de fiches techniques de composants électroniques |
|
LP5569RTWR Fiches technique(PDF) 36 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5569RTWR Fiches technique(HTML) 36 Page - Texas Instruments |
|
36 / 93 page ![]() 36 LP5569 SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017 www.ti.com Product Folder Links: LP5569 Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated NAME VALUE (d) DESCRIPTION variable 2 0–3 Defines the variable to be used in the test: 0 = Local variable A 1 = Local variable B 2 = Global variable C 3 = Global variable D (1) This opcode is used with numerical operands (2) This opcode is used with variables. 8.5.2.7 Data Transfer and Arithmetic Instructions Table 13. LP5569 Data Transfer and Arithmetic Instructions INST. Bit [15] Bit [14] Bit [13] Bit [12] Bit [11] Bit [10] Bit [9] Bit [8] Bit [7] Bit [6] Bit [5] Bit [4] Bit [3] Bit [2] Bit [1] Bit [0] ld 1 0 0 1 target variable 0 0 8-bit value 0 add(1) 1 0 0 1 target variable 0 1 8-bit value 0 add(2) 1 0 0 1 target variable 1 1 0 0 0 0 var 1 var 2 sub(1) 1 0 0 1 target variable 1 0 sub(2) 1 0 0 1 target variable 1 1 0 0 0 1 var 1 var 2 8.5.2.7.1 LD This instruction is used to assign a value into a variable; the previous value in that variable is overwritten. Each of the engines has two local variables, called A and B. The variable C is a global variable. NAME VALUE (d) DESCRIPTION target variable 0–2 0 = Variable A 1 = Variable B 2 = Variable C 8-bit value 0–255 Variable value (1) Valid for numerical operands. (2) Valid for variables. 8.5.2.7.2 ADD This operator either adds an 8-bit value to the current value of the target variable, or adds the value of variable 1 (A, B, C, or D) to the value of variable 2 (A, B, C, or D) and stores the result in the register of variable A, B, or C. Variables overflow from 255 to 0. NAME VALUE (d) DESCRIPTION 8-bit value(1) 0–255 The value to be added. target variable 0–2 0 = Variable A 1 = Variable B 2 = Variable C variable 1(2) 0–3 0 = Local variable A 1 = Local variable B 2 = Global variable C 3 = Global variable D variable 2(2) 0–3 0 = Local variable A 1 = Local variable B 2 = Global variable C 3 = Global variable D |