| Moteur de recherche de fiches techniques de composants électroniques |
|
LP5036 Fiches technique(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5036 Fiches technique(HTML) 49 Page - Texas Instruments |
|
49 / 62 page ![]() EN SDA SCL OUT0 OUT1 OUT35 MCU VCC GND LP5036 ADDR0 OUT2 VLED VVCC IREF OUT34 OUT33 VCAP ADDR1 CVCAP RIREF VMCU EN SDA SCL OUT0 OUT1 OUT35 VCC GND LP5036 ADDR0 OUT2 VLED VVCC IREF OUT34 OUT33 VCAP ADDR1 CVCAP RIREF RPULLUP RPULLUP CVCC CVCC 49 LP5030, LP5036 www.ti.com SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019 Product Folder Links: LP5030 LP5036 Submit Documentation Feedback Copyright © 2018–2019, Texas Instruments Incorporated 9 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information The LP503x device is a 30- or 36-channel constant-current-sink LED driver. The LP503x device improves the user experience in color mixing and intensity control, for both live effects and coding effort. The optimized performance for RGB LEDs makes it a perfect fit for human-machine interaction applications. 9.2 Typical Application The LP503x design supports up to four devices in parallel with different configurations on the ADDR0 and ADDR1 pins. Figure 78. Driving Dual LP5036 Application Example |