Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2998MA/NOPB.A Fiches technique(PDF) 23 Page - Texas Instruments

No de pièce LP2998MA/NOPB.A
Description  LP2998/LP2998-Q1 DDR Termination Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LP2998MA/NOPB.A Fiches technique(HTML) 23 Page - Texas Instruments

Back Button LP2998MA/NOPB.A Datasheet HTML 19Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 20Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 21Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 22Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 23Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 24Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 25Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 26Page - Texas Instruments LP2998MA/NOPB.A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LP2998MA/NOPB
Active
Production
SOIC (D) | 8
95 | TUBE
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LP2998
MA
LP2998MA/NOPB.A
Active
Production
SOIC (D) | 8
95 | TUBE
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LP2998
MA
LP2998MAE/NOPB
Active
Production
SOIC (D) | 8
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LP2998
MA
LP2998MAE/NOPB.A
Active
Production
SOIC (D) | 8
250 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LP2998
MA
LP2998MAX/NOPB
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LP2998
MA
LP2998MAX/NOPB.A
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LP2998
MA
LP2998MR/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
NIPDAU | SN
Level-3-260C-168 HR
-40 to 125
LP2998
MR
LP2998MR/NOPB.A
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
LP2998
MR
LP2998MRE/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
250 | SMALL T&R
Yes
NIPDAU | SN
Level-3-260C-168 HR
-40 to 125
LP2998
MR
LP2998MRE/NOPB.A
Active
Production
SO PowerPAD
(DDA) | 8
250 | SMALL T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
LP2998
MR
LP2998MRX/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
NIPDAU | SN
Level-3-260C-168 HR
-40 to 125
LP2998
MR
LP2998MRX/NOPB.A
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
LP2998
MR
LP2998MRX/NOPBG4
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
LP2998
MR
LP2998MRX/NOPBG4.A
Active
Production
SO PowerPAD
(DDA) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
LP2998
MR
LP2998QMR/NOPB
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
NIPDAU | SN
Level-3-260C-168 HR
-40 to 125
LP2998
Q1MR
LP2998QMR/NOPB.A
Active
Production
SO PowerPAD
(DDA) | 8
95 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
LP2998
Q1MR
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42