| Moteur de recherche de fiches techniques de composants électroniques |
|
S24CS08A Fiches technique(PDF) 10 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S24CS08A Fiches technique(HTML) 10 Page - Seiko Instruments Inc |
|
10 / 47 page ![]() 2-WIRE CMOS SERIAL E2PROM S-24CS01A/02A/04A/08A Rev.4.4_00 Seiko Instruments Inc. 10 Operation 1. Start Condition Start is identified by a high to low transition of the SDA line while the SCL line is stable at high. Every operation begins from a start condition. 2. Stop Condition Stop is identified by a low to high transition of the SDA line while the SCL line is stable at high. When a device receives a stop condition during a read sequence, the read operation is interrupted, and the device enters standby mode. When a device receives a stop condition during a write sequence, the reception of the write data is halted, and the E 2PROM initiates a write cycle. tSU.STA tHD.STA tSU.STO Start Condition Stop Condition SCL SDA Figure 9 Start / Stop Conditions |