Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HC280 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce M74HC280
Description  9-bit parity generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC280 Fiches technique(HTML) 4 Page - STMicroelectronics

  M74HC280 Datasheet HTML 1Page - STMicroelectronics M74HC280 Datasheet HTML 2Page - STMicroelectronics M74HC280 Datasheet HTML 3Page - STMicroelectronics M74HC280 Datasheet HTML 4Page - STMicroelectronics M74HC280 Datasheet HTML 5Page - STMicroelectronics M74HC280 Datasheet HTML 6Page - STMicroelectronics M74HC280 Datasheet HTML 7Page - STMicroelectronics M74HC280 Datasheet HTML 8Page - STMicroelectronics M74HC280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Functional description
M74HC280
4/14
DocID1938 Rev 2
2
Functional description
Figure 2. Logic diagram
Table 3. Truth table
Number of inputs A - I that are high
Outputs
ΣEVEN
ΣODD
0, 2, 4, 6, 8
H
L
1, 3, 5, 7, 9
L
H
GAMS0601141521CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14