| Moteur de recherche de fiches techniques de composants électroniques |
|
3474/B1DB-AFHA/MS Fiches technique(PDF) 6 Page - Everlight Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
3474/B1DB-AFHA/MS Fiches technique(HTML) 6 Page - Everlight Electronics Co., Ltd |
|
6 / 7 page ![]() Technical Data Sheet 3474/B1DB-AFHA/X/MS Everlight Electronics Co., Ltd. http\\:www.everlight.com Rev 1 Page: 6 of 7 Device Number : DLE-347-004 Prepared date: 11-01-2005 Prepared by: Grace Shen Notes 1. Above specification may be changed without notice. EVERLIGHT will reserve authority on Material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’sconsent. 4. Below the zener reference voltage Vz, all the current flows through LED and as the voltage rises to Vz, the zener diode “breakdown." If the voltage tries to rise above Vz current flows through the zener branch to keep the voltage at exactly Vz. 5. When the LED is connected using serial circuit, if either piece of LED is no light up but current can’t flow through causing others to light down. In new design, the LED is parallel with zener diode. if either piece of LED is no light up but current can flow through causing others to light up. |