Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EFS2BCD Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce EFS2BCD
Description  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS2BCD Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button EFS2BCD Datasheet HTML 6Page - STMicroelectronics EFS2BCD Datasheet HTML 7Page - STMicroelectronics EFS2BCD Datasheet HTML 8Page - STMicroelectronics EFS2BCD Datasheet HTML 9Page - STMicroelectronics EFS2BCD Datasheet HTML 10Page - STMicroelectronics EFS2BCD Datasheet HTML 11Page - STMicroelectronics EFS2BCD Datasheet HTML 12Page - STMicroelectronics EFS2BCD Datasheet HTML 13Page - STMicroelectronics EFS2BCD Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
EFS
13/14
PACKAGE MECHANICAL DATA
SO14 (Driver)
b
e3
D
M
F
8
14
17
e
a2
A
L
G
S
E
a1
b1
c1
C
Dim.
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
1.75
0.069
a1
0.1
0.2
0.004
0.008
a2
1.6
0.063
b
0.35
0.46 0.014
0.018
b1
0.19
0.25 0.007
0.010
C
0.5
0.020
c1
45
o (typ.)
D
8.55
8.75 0.336
0.334
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.150
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27 0.020
0.050
M
0.68
0.027
S8
o (max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14