Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMK05028RGCT.B Fiches technique(PDF) 32 Page - Texas Instruments

No de pièce LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Fiches technique(HTML) 32 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 28Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 29Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 30Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 31Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 32Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 33Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 34Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 35Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
LVDS Driver
LVDS
LMK05028
100
Copyright © 2018, Texas Instruments Incorporated
Figure 7-15. DC-Coupled LVDS to Reference (INx) or XO Inputs
CML
Driver
CML
LMK05028
Copyright © 2018, Texas Instruments Incorporated
Figure 7-16. DC-Coupled CML (Source Terminated) to Reference (INx) or XO Inputs
LMK05028
HCSL
Driver
HCSL
50
50
Copyright © 2018, Texas Instruments Incorporated
Figure 7-17. HCSL (Load Terminated) to Reference (INx) or XO Inputs
Differential
Driver
LMK05028
100
Internal input biasing
RB
RB
Driver
LVDS
CML*
3.3-V LVPECL
2.5-V LVPECL
HCSL
RB ( )
open
open
150
82
50
*CML driver has 50-
pull-up
Figure 7-18. AC-Coupled Differential to Reference (INx) or XO Inputs
7.3.5 Reference Input Mux Selection
For each REF-DPLL block, the reference input mux selection can be done automatically using an internal state
machine with a configurable input priority scheme, or manually through software register control or hardware pin
control. The input mux can select from IN0 to IN3. Additionally, DPLL1 can select IN5 as an internal loopback
clock divided-down from PLL2 VCO (VCO2 FB clock), and DPLL2 can select IN4 as an internal loopback clock
from PLL1's VCO (VCO1 FB clock).
The priority for all inputs can be assigned for each DPLL through registers. The priority ranges from 0 to 6,
where 0 means Ignored (never select) and 1 to 6 are highest (1st) to lowest (6th) priority. When two or more
inputs are configured with the same priority setting, the reference input with the lowest index (INx) is given higher
priority.
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94