| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L443VCY6 Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VCY6 Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 215 page ![]() Stop 1 LPR No Off ON LSE LSI BOR, PVD, PVM RTC, LCD, IWDG COMPx (x=1,2) DAC1 OPAMPx (x=1) USARTx (x=1...3)(6) LPUART1(6) I2Cx (x=1...3)(7) LPTIMx (x=1,2) *** All other peripherals are frozen. Reset pin, all I/Os BOR, PVD, PVM RTC, LCD, IWDG COMPx (x=1..2) USARTx (x=1...3)(6) LPUART1(6) I2Cx (x=1...3)(7) LPTIMx (x=1,2) USB_FS(8) SWPMI1(9) 4.34 µA w/o RTC 4.63 µA w RTC 6.3 µs in SRAM 7.8 µs in Flash Stop 2 LPR No Off ON LSE LSI BOR, PVD, PVM RTC, LCD, IWDG COMPx (x=1..2) I2C3(7) LPUART1(6) LPTIM1 *** All other peripherals are frozen. Reset pin, all I/Os BOR, PVD, PVM RTC, LCD, IWDG COMPx (x=1..2) I2C3(7) LPUART1(6) LPTIM1 1.3 µA w/o RTC 1.4 µA w/RTC 6.8 µs in SRAM 8.2 µs in Flash Table 3. STM32L443xx modes overview (continued) Mode Regulator(1) CPU Flash SRAM Clocks DMA & Peripherals(2) Wakeup source Consumption(3) Wakeup time |