Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L443CCT6 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STM32L443CCT6
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 256KB Flash, 64KB SRAM, USB FS, LCD, analog, audio, AES
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443CCT6 Fiches technique(HTML) 2 Page - STMicroelectronics

  STM32L443CCT6 Datasheet HTML 1Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 2Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 3Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 4Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 5Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 6Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 7Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 8Page - STMicroelectronics STM32L443CCT6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 215 page
background image
STM32L443CC STM32L443RC STM32L443VC
2/215
DS11421 Rev 4
– SWPMI single wire protocol master I/F
– IRTIM (Infrared interface)
• 14-channel DMA controller
• True random number generator
• CRC calculation unit, 96-bit unique ID
• Development support: serial wire debug
(SWD), JTAG, Embedded Trace Macrocell™
• All packages are ECOPACK2® compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More