Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2005 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce TDA2005
Description  20 W bridge/stereo amplifier for car radio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2005 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button TDA2005_V01 Datasheet HTML 17Page - STMicroelectronics TDA2005_V01 Datasheet HTML 18Page - STMicroelectronics TDA2005_V01 Datasheet HTML 19Page - STMicroelectronics TDA2005_V01 Datasheet HTML 20Page - STMicroelectronics TDA2005_V01 Datasheet HTML 21Page - STMicroelectronics TDA2005_V01 Datasheet HTML 22Page - STMicroelectronics TDA2005_V01 Datasheet HTML 23Page - STMicroelectronics TDA2005_V01 Datasheet HTML 24Page - STMicroelectronics TDA2005_V01 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
TDA2005
Package information
Doc ID 1451 Rev 6
23/25
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 40. Multiwatt11 mechanical data and package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25