Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM11ATR Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce STPM11ATR
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11ATR Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button STPM11ATR Datasheet HTML 35Page - STMicroelectronics STPM11ATR Datasheet HTML 36Page - STMicroelectronics STPM11ATR Datasheet HTML 37Page - STMicroelectronics STPM11ATR Datasheet HTML 38Page - STMicroelectronics STPM11ATR Datasheet HTML 39Page - STMicroelectronics STPM11ATR Datasheet HTML 40Page - STMicroelectronics STPM11ATR Datasheet HTML 41Page - STMicroelectronics STPM11ATR Datasheet HTML 42Page - STMicroelectronics STPM11ATR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
STPM1x calibration
Doc ID 13167 Rev 8
39/46
Note:
STPM13/14: each current channel must be calibrated separately. In order to do this, follow
these steps:
Apply the nominal test voltage to the voltage sensor, and the nominal test current to the
primary current channel sensor. Do not apply such current on the secondary current
channel sensor.
Adjust the voltage and primary current calibrators (see above).
Disconnect the nominal test current from the primary current channel sensor, and apply it to
the secondary current channel sensor.
Adjust only the secondary current calibrators, so that the same power is computed.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46